Part Number Hot Search : 
AP01N60H SCPAR2F 473ML LN473YPH A25TB60 2SD2536 TLP862 MPX53GP
Product Description
Full Text Search
 

To Download BA3426 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
Double cassette tape recorder system preamplifier
BA3426AS
The BA3426AS is a record / playback system preamplifier for radio cassette decks. It also has a CD input. It has three control switches for function and tape mode switching and mic on / off. It requires far fewer external components than its predecessors which means simplified assembly and overall savings.
FApplications Dual-cassette radio cassette players. FFeatures 1) Built-in switch for recording / playback equalize. 2) Motor control output provided. 3) CD input.
4) Smoothing capacitors to suppress switching noise are not required. 5) Built-in bias oscillator transistor.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
300
Audio ICs
FBlock diagram
BA3426AS
301
Audio ICs
FPin descriptions
BA3426AS
302
Audio ICs
BA3426AS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5.5V, f = 1kHz, Rg = 680, Tape input = *66dBm, Mic. input = *50dBm, and Radio input = *23dBm, and CD input = *12dBm)
303
Audio ICs
BA3426AS
304
Audio ICs
BA3426AS
305
Audio ICs
FMeasurement circuit
BA3426AS
306
Audio ICs
BA3426AS
FCircuit operation (1) Control pins The control pin inputs and the corresponding states of the various inputs and outputs are summarized in the input/output pin status table that follows. Control pin inputs and corresponding input / output pin states
307
Audio ICs
FApplication example 1
BA3426AS
308
Audio ICs
FApplication example 2
BA3426AS
309
Audio ICs
FOperation notes (1) Amplifier oscillation As the BA3426AS incorporates dual-cassette dubbing functions on a single IC, it has extremely high input / output gain. In particular, in normal-speed mode, the gain at around the recording equalizer peaking characteristic fo frequency is about 70dB. The phases of the input and output are reversed to reduce the chance of oscillation due to influence of the PCB pattern, but due consideration must be given to the PCB pattern design to prevent oscillation. In particular, the PCB tracks to the Tape A pins (pins 1 and 4) and Tape B pins (pins 31 and 32) should be sufficiently far apart that there is no coupling capacitance between them, or they should be shieded by having a GND or bias track between them. FElectrical characteristics curves
BA3426AS
(2) Strong RF signals To prevent signal mixing due to strong electric fields, connect a capacitor (of a few hundred pF) to each input pin. These must be connected close to the pins of the IC to have any effect. Design the PCB track layout so that the capacitors can be connected as close to the base of the pins as possible.
310
Audio ICs
FExternal dimensions (Units: mm)
BA3426AS
311


▲Up To Search▲   

 
Price & Availability of BA3426

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X